Part Number Hot Search : 
D431K 40019 A1221 C2050HS5 3KP12C HD74AL 0M0000 24LC41
Product Description
Full Text Search
 

To Download VSC8201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SimpliPHY(R) VSC8201 PCB Design and Layout Guide
Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
Introduction
This purpose of this application note in conjunction with the VSC8201 Datasheet is to provide information to assist in the design and layout of the VSC8201 Gigabit Ethernet Transceiver.
Power Supply Organization and Decoupling
The VSC8201 requires a 3.3v and a 1.5v power supply source for operation using GMII, MII or TBI MAC interfaces. In RGMII and RTBI modes, an additional 2.5v supply is needed as specified by the RGMI/RTBI standard. The VSC8201 can be powered using the following options: * * 2 separate supplies, 3.3v and 1.5v respectively. A single 3.3v supply. This is done by using the optional on-chip regulator control circuit, which drives a simple external series pass type supply regulator (MOSFET) to generate the 1.5v core power supply.
PCB Power Plane Organization
It is recommended that the PCB power plane(s) in a system be divided into four separate regions: Table 1: Power Supply Plane Regions
PCB Power Plane
V+IO V+A33 V+A15 V+DIG
Description
Nominal Supply Voltage
3.3v/2.5v 3.3v 1.5v 1.5v 8mA
Currenta Typ Max
11mA 111mA 48mA 423mA
LQFP Supply Namesb
VDDIO TXVDD, VDDREC33, VDDPLL33 VDDREC15, VDDPLL15 VDDDIG
Digital Input/Output buffer supply Filtered analog 3.3v supply Filtered analog 1.5v supply Digital core supply
101mA 41mA 350mA
a. Test conditions: Room temperature (25oC), 1000BASE-T data, full duplex, minimum IPG, 64-byte packets, RGMII MAC active, excluding regulator power dissipation but including external twisted pair termination; all worst case current figures have all nominal power supplies scaled by +5%. b. Refer VSC8201 Datasheet to correlate supply names with part pin numbers.
Power Supply Filtering and Decoupling
For best performance, each power supply region should contain capacitors for both bulk decoupling and for local high-frequency decoupling. This is summarized in the following tables:
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 1 of 21 -
VSC8201DL
Table 2: Power Supply Decoupling for separate 3.3v and 1.5v Power Supplies
PCB Power Plane
V+IO V+A33 V+A15 V+DIG
Bulk Decoupling required
1 pair of 22uF, 1uF 1 pair of 22uF, 1uF and 1 10uF 1 pair of 2.2uF, 1uF 1 pair of 22uF, 1uF
Local Decoupling Required
Four 0.1uF capacitors Two 0.1 uF capacitors One 0.1 uF capacitor Four 0.1uF capacitors
Table 3: Power Supply Decoupling for single 3.3v Supply and Optional fixed 1.5v Regulator
PCB Power Plane
V+IO V+A33 V+A15 V+DIG
Bulk Decoupling required
1 pair of 22uF, 1uF 1 pair of 22uF, 1uF and 1 10 uF 1 pair of 2.2uF, 1uF 2.2uF
Local Decoupling Required
Four 0.1uF capacitors Two 0.1uF capacitors One 0.1 uF capacitor Four 0.1uF capacitors
The following figure shows the proposed layout for the local decoupling capacitors. The figure is approximately drawn to scale for standard 0603 size capacitors. Vias to the power and ground planes immediately in the vicinity of the capacitors provide a low inductive path and aid in heat dissipation.
102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65
Note:Place vias close to or under neath the capacitor pads for low inductive path and higher heat dissipation rate.
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38
103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128
VSC8201
128 LQFP (Top View)
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39
0.1 uF
Figure 1: Local High-Frequency decoupling Capacitor Layout - LQFP package
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 2 of 21 -
VSC8201DL
1
2
3
4
5
6
7
8
9
10
G
C
D
A
B
E
H
. Note:Place vias close to or under neath the capacitor pads for low inductive path and higher heat dissipation rate.
K
F
J
0.1 uF
Figure 2: Local High-Frequency decoupling Capacitor Layout - LBGA package In addition, a ferrite bead should be used to isolate each analog supply from the rest of the board. The bead should be placed in series between the bulk decoupling capacitors and the local decoupling capacitors.
Figure 3: Power Supply Decoupling Schematic The beads should be chosen to have the following characteristics: * * Current Rating of at least 150% of the maximum current of the power supply. Impedance of 80 to 100W at 100Mhz.
Recommended beads are: * * Panasonic EXCELSA39 or similar. Steward HI 1206N101R-00 or similar.
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 3 of 21 -
VSC8201DL Since all PCB designs yield unique noise coupling behavior, not all ferrite beads or decoupling capacitors may be needed for every design. For this reason, it is recommended that system designers provide and option to replace the ferrite beads with zero-ohm resistors, once thorough evaluation of system performance is completed.
PCB Chassis ground Region
To isolate the board from the ESD events and to provide a common-mode noise ground path, a separate chassis ground region should be allocated. This should provide an electrical connection to the external chassis and the shield ground to discharge common-mode noise through a 75-ohm resistor and a single 1000pF 2kV capacitor. See "VSC8201 System Schematic" in the datasheet.
Figure 4: Ground Plane Layout
Key points
* * The chassis ground and the PCB ground should have as much separation as possible. 45 mils or greater is recommended. There should be no power or ground plane beneath the primary and secondary coils of the transformer.
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 4 of 21 -
VSC8201DL
Regulator Circuit
For systems with a single power supply, the VSC8201 provides an option to generate the 1.5v supply from the 3.3v supply by using the on chip regulator. The internal regulator is enabled by having a 10k pull-up on the REG_EN pin. To use the Regulator the following additional components are required: * * FET device, similar to Fairchild FDT439N. For decoupling, two 0.0047uF capacitors with 10% tolerance or better. NPO, X7R or X5R are all acceptable.
Systems with single 3.3v,+/-10% Wake on LAN supply
The following figure shows the circuit for generating the 1.5v supply using a 3.3v,+/-10% supply
Figure 5: Regulator Circuit using 3.3v, +/-10% supply
Key points
* * * * Place a 0.0047uF capacitor as close to REG_OUT as possible. Place a 0.0047uF capacitor as close to the FET as possible. Tie the GND line together with VREFN, capacitor connected to REF_FILT, resistor R4 (See figure above) and then connect to a common ground. VREFP should be connected to the analog 3.3v plane i.e. V+A33.
Using ActiPHYTM Power Management
The VSC8201 supports a new power saving mode called ActiPHYTM, particularly suited to power saving applications like laptop computers with wake on LAN capability.1 When in ActiPHYTM mode the PHY is in one of two power down states and has the ability to detect valid signal energy levels at the media pins and convey it to the station manager.
1. Refer VSC8201 Datasheet.
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 5 of 21 -
VSC8201DL The following tasks are required to be done by the station manager to use the power saving ActiPHYTM feature: 1. Setting the squelch level: As per IEEE standard 802.3 MII register 22:11 and 22:10 set the squelch levels for 10Base-T operation. In addition to the 10BASET squelch level control, the VSC8201 uses these bits to control the ActiPHYTM squelch levels. This is summarized in the following table: Table 4: 10BASE-T/ActiPHYTM squelch levels
Register Bit Setting 22:11:10
00 01 10 11 2.
10BASE-T/ActiPHYTM squelch level
Normal Squelch Low squelch High squelch Reserved
Enabling the interrupt pin: The VSC8201 conveys the valid signal detect signal via the MDINT# pin. In order to enable the MDINT# pin the station manager must set the MII register 25:15. Enabling the ActiPHYTM signal detect interrupt: In ActiPHYTM mode MII register 25:13 i.e. the link state-change interrupt mask also acts as the ActiPHYTM signal detect interrupt mask. This bit should be set to enable the ActiPHYTM signal detect interrupt. When a valid signal level is detected an interrupt occurs and register 26:13 is set by the VSC8201 PHY. The MDINT# pin is pulled low. Setting the PHY in ActiPHYTM mode: The station manager can put the VSC8201 in ActiPHYTM mode by setting MII register 23:5. On setting register 23:5 the PHY goes in one of the following power down states depending upon the state of the MII register 18:0 Table 5:
3.
4.
Register Bit Setting 18:0
0 1
Power down state
PLL disabled - 125MHz clock not available on CLK125 pin PLL enabled - 125MHz clock available on CLK125 pin
Power dissipationa
a. Power dissipation figures are currently unavailable.
5.
Coming out of ActiPHYTM mode: The station manager responds to the interrupt signal by clearing the ActiPHYTM enable bit i.e. clears the register 23:5. When this bit is cleared, all blocks of the PHY are powered up and the PHY reverts back to auto-negotiation and tries to establish a link. The station manager should read MII register 26 to reset the interrupt status register.
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 6 of 21 -
VSC8201DL
Design for Signal Integrity
Many high speed signal pins on the VSC8201 have rise/fall times of the order of 0.7 to 2.4 ns. Because of these fast rise/fall times, interconnects should be treated as transmission lines rather than simple lumped element connections. Use of transmission lines with a basic understanding of line matching will reduce signal reflections which degrades overall performance of the part.
Theory
In order to apply correct impedance matching/termination techniques it is important to know about the types of interconnects used on the PC board. There are 2 kinds of traces on a PC Board. * In case the signal transmission line is sandwiched between the dielectric material of the board and 2 conducting planes it is called a stripline.
Figure 6: Transmission Lines
* A signal transmission line that has one side open to air and dielectric material and a conducting plane beneath it, is called a microstrip. Impedance of a transmission line is determined by the relative dielectric constant
r
of the PC board material, thickness of the dielectric
h ,the width w
and the thickness of the transmission line
t.
Characteristic impedance of the microstrip is calculated using the approximation:
87 5.98 h Z o = ------------------------- ln ------------------- 0.8w + t r + 1.41
The propagation delay for the microstrip is:
t pd = ( 85 ) 0.475 r + 0.67 ps/ft
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 7 of 21 -
VSC8201DL Characteristic impedance of the stripline is calculated using the equation:
60 4b Z o = -------- ln -------------------------------------- 0.67 ( 0.8w + t ) r
where
b
is the distance between the planes above and below the stripline. The above formula is used when the stripline is equidistant
from the above and below planes. The propagation delay of the strip line is:
t pd = ( 85 ) r ps/in
If the length of the line
L
such that:
Rise - time ( ps ) 1 -L ( in ) < ---------------------------------------------------------------------- x -6 ps Propagation - delay ---------- inch
Then the line must be considered a transmission line and proper termination techniques be employed. Assuming a dielectric constant of 4.4 for FR-4, we get t pd =141ps for a microstrip line. If the rise time of the signal is 0.7ns then a trace with length L greater the 0.827 inch should be considered a transmission line. The 2 most common termination techniques are as follows:
* *
Place a resistor equal to the characteristic impedance of the line in series with and close to the signal source. This is called series termination or source termination. Place a resistor equal to the characteristic impedance of the line between ground and the end of the signal trace. This is called end termination.
The common value for the characteristic impedance of a transmission line is 50 .
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 8 of 21 -
Notes: 1) Darkened transmission lines indicate 50-ohm microstrips. V+A15
* See next page
V+IO V+A33
V+DIG
VDDIO
Digital I/O Analog Digital Core (Fixed or Optionally Regulated)
High Speed signals of VSC8201
Rev. 1.6.3 - 9/29/04
VDDDIG VDDREC15 TXVDD VDDREC33 VDDPLL15 Analog VDDPLL33
TXD[7] TXD[6] TXD[5] TXD[4]
RT RT RT
47.5 (1%)
0.1F
TXD[7] TXD[6] TXIP_A TXVP_A TXVN_A TXIN_A TXIP_B
47.5 (1%)
0.1F
T1
Pulse H5008
RT TXD[4] TXD[3] TXD[2] TXD[1] TXD[0] TXVN_B TXIN_B TXIP_C
47.5 (1%)
0.1F
TXD[5]
J1
RJ-45
1 A+ 2 A-
TXD[3] TXD[2] TXD[1] TXD[0] GTX_CLK
RT
47.5 (1%)
RT RT RT TXVP_B
47.5 (1%)
RT GTX_CLK TX_ER TX_EN TXVP_C TXVN_C TX_CLK TXIN_C TXIP_D
47.5 (1%)
0.1F
3 B+ 6 B-
TX_ER TX_EN 50 47.5 (1%) (used for MII & TBI modes only) 50 50
RT RT
4 C+ 5 C-
3.3v
TX_CLK (used in MII & TBI modes only) COL
U2
CRS TXVN_D TXIN_D GND
50 50 50 50 50 50 50 50 47.5 (1%)
COL TXVP_D
CRS
7 D+ 8 DS1 9
75
MAC Controller
S2 10
RXD[7]
RXD[7] VREFP* REF_FILT 1F REF_REXT VREFN* VSSREF REG_OUT REG_EN/ QUALITY XTAL1/REFCLK
50 2.26K (1%)
V+A33
75
RXD[6]
RXD[6] RXD[5] RXD[4] RXD[3] RXD[2] RXD[1] RXD[0] RX_CLK RX_DV RX_ER OSC_EN / CLK125 XTAL2 PLLMODE
RXD[5] RXD[4] RXD[3] RXD[2] RXD[1] RXD[0] 50 50 50
1F
1000pF, 2kV 75 75
U1 VSC8201
GND
QUALITY
R
RX_CLK RX_DV RX_ER
GND 25MHz
V+IO 10K
50 CLK125MHz
33pF GND GND GND
33pF
REG_EN / QUALITY: This circuitry is used when the regulator is not enabled.
Figure 7: VSC8201 System Schematic
U3
TDI 50 TDO TMS TCK TRST#
3.3v TDO TMS TCK TRST# NC V+IO Leave floating for normal operation NC NC 10K 2K NC
50
TDI
JTAG Port Controller
MODE10 MODE100 MODE1000 FRC_DPLX ANEG_DIS MDC MDIO MDINT# ADDR(0) / LINK10 ADDR(1) / LINK100 ADDR(2) / LINK1000 ADDR(3) / DUPLEX ADDR(4) / ACTIVITY
50 50 50 50 50
V+IO
NC
PHY Addressing: This circuitry is used when all PHY address bits = 0.
LINK10 LINK100 LINK1000 DUPLEX ACTIVITY
R R R R R
U4
MDC MDIO MDINT#
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
Station Manager CPU and/or Control Logic
RESET# PWDN
3.3v
GND RST# PWDN# GND Common analog / digital ground plane * VREFP and VREFN should use separate traces to the 3.3V power regulator output and ground. This avoids any bus drops which would cause inaccuracy in the reference voltage
VSC8201DL
- Page 9 of 21 -
VSC8201DL
MAC Transmit and Receive Interface Pins
These signals on these pins have rise/fall times of about 0.7 to 1 ns. To adequately accommodate these signals on a PCB, it is recommended that the traces be designed as either a microstrip or stripline transmission lines with a characteristic impedance of 50 . It is also important that an unbroken ground plane exist above and/or below these signals. For the MAC transmit interface, if the output resistance of the corresponding pins on the MAC side is less than 50 , additional series termination resistor should be placed close to the MAC device. For the VSC8201 MAC receive interface, each pin is self-calibrating to an output resistance of 50 . Thus, external series termination resistors are not required as long as the characteristic impedance of the trace is 50 . As shown in the previous section, for a rise time of 0.7 ns, the minimum length of a microstrip for it to be considered a transmission line is 0.827 inches (for standard FR4 material with dielectric constant of 4.4). Hence above mentioned series termination considerations are important only if the microstrip length is greater than 0.827 inches. For most cases the MAC can be placed close to the PHY's MAC interface pins. Twisted-Pair Interface pins As the interface to external CAT-5 cable, these pins are organized in four differential pairs for each port.These are labelled "TXIP_x" and "TXIN_x", where `x' is the particular pair within a single cable. When routing these pairs on a PCB, they must be routed using transmission lines with a characteristic impedance of 50 , and the traces for each differential pair must be routed symmetrically as close to each other as possible. By keeping the differential pairs together on the board, the result is the required 100-ohm differential impedance for each twisted pair. Other Impedance Controlled pins The following signals have 50 ohm integrated series termination resistors and therefore should be routed using 50 transmission lines: * * * * * * * * * * * * ADDR(0)/LINK10 ADDR(1)/LINK100 ADDR(2)/LINK1000 ADDR(3)/DUPLEX ADDR(4)/ACTIVITY MODE10 MODE100 MODE1000 TDO OSC_EN/CLK125 REG_EN/QUALITY MDIO
Other Board Layout Considerations
* * * Place the RJ-45, transformer and the PHY device as close as possible to each other. All traces that run from the transformer to the RJ-45 should be matched in length and be as short as possible. Keep a continuous ground plane underneath the high speed MAC Tx/Rx data signal traces. These traces should be of equal length and be as short as possible.
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 10 of 21 -
VSC8201DL
Special RGMII Implementation Using a Single 3.3V Supply
This section addresses designers who wish to use the VSC8201 Single Port Gigabit Ethernet PHY in RGMII interface mode at an interface voltage of 3.3V, rather than the standard1 2.5V.
VSC8201's RGMII Interface Description
The VSC8201 PHY is designed, as per the RGMII version 1.2a specification, to support RGMII operation at a 2.5v I/O supply. In addition to the RGMII requirements specified by the standard, the PHY also has an internal clock delay feature (enabled by setting MII Register 23.8) that adds an internal delay of ~2ns to the RXC and the TXC signals when operating at 2.5v. This feature eliminates the need for PCB trace delays or 2ns buffers in the path of the RXC and TXC traces. Due to customer interest in using the VSC8201 PHY in RGMII interface mode with a single 3.3v supply, Vitesse has characterized the RGMII I/O timing of the PHY under this condition in the following two configurations: * * Standard RGMII Implementation (i.e. with RXC and TXC trace delays on the PCB) RGMII Implementation using the Internal Clock Delay feature.
Since the VSC8201 PHY was not specifically designed for RGMII operation with a 3.3v I/O supply, certain accommodations must be made to the board layout in order to ensure a robust interface. The VSC8201 PHY complies with the I/O timing requirements specified in the RGMII version 1.2a specification. No special board layout considerations other than those mentioned in the standard are required for this implementation. RGMII Implementation using the Internal Clock Delay feature with 3.3v I/O Supply With a 3.3v I/O supply, the worst case internal delay added to the TXC signal is around 3ns. If the TXC, TD[3:0], and TX_CTL traces are length matched on the PCB, then the PHY may mis-latch data under the worst case TXC delay conditions, resulting in packet errors at the MAC/PHY transmit interface. Due to this it is important to follow the guidelines mentioned in the section below during board layout.
1. RGMII Version 1.2a Rev. 1.6.3 - 9/29/04 VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION - Page 11 of 21 -
VSC8201DL
RGMII Single 3.3v Supply Implementation Methods
Method I - Standard RGMII Implementation In this mode the Internal Clock Delay feature of the PHY is not enabled. See MII Register 23.8 for more information. Board Layout
1.5ns-2ns PCB trace additional PCB trace delay VDDIO=3.0 - 3.6v VDDIO=3.0 - 3.6v
RXC
RX_CTL RD3 RD2 RD1 RD0 MAC TD3 TD2 TD1 TD0 TX_CTL VSC8201
TXC
1.5ns-2ns PCB trace additional PCB trace delay
Benefits * Does not require an external 2.5v supply, thereby reducing overall system cost.
Drawbacks * Needs extra board space for the additional trace delays on the RXC and TXC traces.
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 12 of 21 -
VSC8201DL Method II - RGMII Implementation Using the Internal Clock Delay Feature In this mode the internal clock delay feature is used i.e. MII Register bit 23.8 is set. Board Layout
VDDIO=3.0 - 3.6v VDDIO=3.0 - 3.6v
RXC RX_CTL RD3 RD2 RD1 RD0
TD3
MAC
TD2
VSC8201
TD1
TD0
TX_CTL
TXC
700ps of additional trace delay w.r.t TXC
Benefits * * Does not require an external 2.5v supply, thereby reducing system cost. Does not require any additional delays on the TXC and RXC traces.
Drawbacks * Needs extra board space for the additional trace delays needed on the TD[3:0] and the TX_CTL traces.
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 13 of 21 -
VSC8201DL Method III - RGMII Implementation Using the Internal Clock Delay Feature with Locally Generated 2.5v I/O Supply In this mode the internal clock delay feature is used i.e. MII Register Bit 23.8 is set. Board Layout
VDDIO_MAC=3.15 - 3.45v VDDIO_PHY
1N914 MA2J111 MA111 or equivalent VDDIO_MAC=3.15 - 3.45v
470 ohms
0.1uf
0.001uf
VDDIO_PHY
RXC RX_CTL RD3 RD2 RD1 RD0 VSC8201 TD3 TD2 TD1 TD0 TX_CTL TXC
MAC
Benefits * * Does not require an external 2.5v supply, thereby reducing system cost. Does not require any additional delays on the TXC and RXC traces.
Drawbacks * * Requires a diode and a resistor. The MAC which is at 3.3V should be capable of detecting 2.5V logic levels.
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 14 of 21 -
VSC8201DL
LED/ADDRESS Circuit
The following pins of the VSC8201 are input/output pins: * * * * * * ADDR(4)/ACTIVITY ADDR(3)/DUPLEX ADDR(2)/LINK1000 ADDR(1)/LINK100 ADDR(0)/LINK10 REG_EN/QUALITY
In input mode these pins are sampled on the rising edge of RST# signal. After reset these are in output mode.The ADDR and REG_EN pins sampled at startup determine the polarity of the LED output signal. The QUALITY LED is asserted when the signal quality is good.
Figure 8: LED Interface Circuit
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 15 of 21 -
VSC8201DL
Serial Management Interface
The VSC8201 contains a standard Serial Management Interface (SMI) as defined by IEEE standards. This interface consists of the following signals: Table 6: Serial Management Interface Pins
Signal Name
MDC Input
Type
Description
Management Data Clock. A 0 to 25MHz reference input used to clock serial MDIO data into and out of the VSC8201. The expected nominal frequency is 2.5MHz, as specified by the IEEE standard. This clock is typically asynchronous with respect to the PHY's transmit or receive clock. Management Data I/O. MDIO configuration and status data is exchanged on this pin bidirectionally between the PHY and the Station Manager, synchronously to the rising edge of MDC. This pin normally requires a 1.5k to 2k external pull-up resistor at the Station Manager. The value of the pull-up resistor depends on the MDC clock frequency and the maximum capacitive load on the MDIO pin. Management Data Interrupt Output. This open drain, active low output signal indicates a change in the PHY's link operating conditions for which a station manager must interrogate to determine further information. This pin should be pulled up to VDDIO at the Station Manager or controller through an external 10k pull-up resistor.
MDIO
Open Drain
MDINT#
Open Drain
It is important to note that both MDIO and MDINT# signals are configured as open drain, and thus require an external pullup resistor. Only a single pullup resistor on each signal is needed for the system, regardless of the number of devices. For MDINT# a single 10kohm system pullup resistor is sufficient. Unlike MDINT#, the value of the pullup needed for MDIO must be chosen to match the characteristics of the system. Of critical importance is the rise time needed to charge the total capacitive load on the MDIO up to logic `1' through the pullup resistor. This constant is defined simply as:
= R pu C total
In most cases the number of devices on the bus will be 1. But in the case where more devices are added to the bus, the rise time increases due to the increased bus capacitance. In order to lower the rise time, a smaller resistor value must be used. However, if too small of a value is used, devices will be unable to transition the bus to a logic `0'. This occurs when the current sinking capability of the pins in a logic `0' state is exceeded. For the VSC8201, the MDIO input capacitance is 5pF, and the maximum current sinking capacity is 10mA. Typical values are given below: * * For MDC frequencies of 2.5MHz and below, a 2k pullup resistor should suffice for most applications.This assumes the input capacitance of each device is between 5-10pF and that each device can sink 1.65mA of current in the MDIO pin. For faster MDC frequencies (>2.5MHz), a smaller pullup is necessary. The smallest recommended pullup resistor for use with the VSC8201 is 470 .
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 16 of 21 -
VSC8201DL
RJ-45 Connectors and Magnetic Modules
RJ-45 Connector Recommendations
System designers can choose either the tab-up or tab-down connectors. LEDs can also be integrated into the connectors.
Figure 9: RJ45 Connectors Due to the orientation, the pinouts of the tab-up and the tab-down are reversed. The VSC8201 will work equally well using either orientation. The tab-down connector is more wide-spread than the tab-up connector in the NIC card industry.
CAT-5 vs. CAT-3 Connectors
When utilizing 1000Base-T or 100Base-T, it is important that `CAT-5' RJ-45 connectors be used as opposed to `CAT-3'. This refers to the amount of cross-talk between wire pairs within the connector. In addition to the electrical characteristics, some manufacturers have two options for the connector pinout. These are typically labeled as `standard' and `CAT-5'. This is not to be confused with the electrical specification for the connector. Thus, two versions of a CAT-5 RJ-45 connector are available: One with `standard' pinout and one with a `CAT-5' pinout:
Figure 10: RJ45 Connector Pinouts
Specific RJ-45 Recommendations
Virtually any RJ-45 connector that meets the CAT-5 electrical specification will work with the VSC8201. Two such manufacturers are: AMP (a division of Tyco International, Ltd.) Tel: 717-564-0100 http://www.amp.com Transpower Technologies, Inc. Tel: 775-852-0140 http://www.trans-power.com
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 17 of 21 -
VSC8201DL
Table 7: Sample Part Numbers for RJ45 Connectors
Part Number
558341-1 RJ7G02 RJ7G07 AMP
Manufacturer
Description
Single Port, unshielded, without LEDs, tab-down, `CAT-5' pinout. Single Port, Through hole, Tab-up, pinout is unique to Transpower Single Port, Through hole, Tab-up, pinout is unique to Transpower
Transpower Tech., Inc. Transpower Tech., Inc.a
a. This module has an integrated magnetic module
Magnetic Modules
For best performance, proper magnetic modules must be used with the VSC8201. In addition, some companies integrate the magnetic modules into the RJ-45 connector. Note on Return-Loss Compensation Circuit: Testing has indicated that some magnetic modules may not pass the IEEE specification for return loss. In these cases, an extra resistor-capacitor circuit can be added for each of the sub-channels. See "Return Loss Circuit for Pulse H5008 Transformer" on page 18. The presence of this circuit serves only to allow the system to pass IEEE return loss measurements and does not affect the performance of the PHY in any other way. The exact values required for the resistors and capacitors varies according to each manufacturer and can be found in Table 8: "Recommended Magnetic Modules."
Figure 11: Return Loss Circuit for Pulse H5008 Transformer Below is a list of recommended magnetic modules: Delta Electronics, Inc. Tel: http://www.delta.com.tw/products/networking.asp Pulse Engineering, Inc. Tel: 858-674-8100 http://www.pulseeng.com Halo Electronics, Inc. Tel: 650-568-5800 http://www.haloelectronics.com
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 18 of 21 -
VSC8201DL Table 8: Recommended Magnetic Modules
Part Number
LF9207A H5008 S558-5999-P3 TG1G-S002NZ GB2G04 Delta
Manufacturer
Description
Single-port, surface mount Single-port, surface mount Single-port, surface mount Single-port, surface mount Single-port, surface mount
Return Loss Compensation
C1, C4 = 10pF, C2 = 6.8pF
Pulse Bel Halo Transpower
Thermal Performance
Figure 12: Heat dissipating path for IC packages The two paths of heat dissipation shown in the above figure are as follows: 1. IC chip Package
Atmosphere
2. IC chip Package lead PC board Atmosphere The amount of heat dissipated by path 2. depends on various factors like pad size, wired length, layer configuration, thickness, materials etc. of the PC board but, typically, 10% to 50% of the heat is dissipated through the PC board. Although low power consumption of the VSC8201 eliminates the need of external heatsinks or fans in most designs, it is always recommended to follow certain guidelines for adequate heat dissipation. For proper operation of the VSC8201, a silicon junction temperature
Tj
equal to or below 125oC must be maintained for commercial
temperature ranges. Within the constraints of the commercial temperature range, the limits for junction-to-ambient thermal resistance are as follows:1
o o Tj - Ta o 125 C - 70 C ja ( commercial ) = ---------------- = ---------------------------------- = 55 ( C w ) Pd 1w
where
ja = Junction to ambient thermal resistance, Tj
= Junction temperature,
1. The actual ja of the VSC8201's 128 LQFP and the 100 ball LBGA package is approx. 30oC/w to 35oC/w. This yields a
P D ( max ) = ( 125 - 70 C ) ( 35 ( C w ) ) = 1.5w ( for T j 125 C )
Rev. 1.6.3 - 9/29/04 VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION - Page 19 of 21 -
o
o
o
VSC8201DL
Ta
= Ambient temperature,
P d = Power dissipation.
For the 128 pin LQFP vias which connect the nearby high frequency decoupling capacitors to the ground and power planes are sufficient for the required heat dissipation rate. See "Local High-Frequency decoupling Capacitor Layout - LQFP package" on page 2. For proper cooling of the 100 ball LBGA, a PCB via must be placed between the thermal BGA ball pads in a checkerboard pattern (see Figure 13: "Thermal Via Layout", below). Each of these "thermal vias" should then be routed to the BGA ball pads near it with a wide trace or solid copper fill to increase the conductive area on the surface of the PCB. In order to dissipate heat below the BGA package, the PCB thermal vias must connect to a solid ground plane within the board. It is recommended that the ground plane have a minimum thickness of one ounce (see Figure 14: "Thermal Ground Plane Connections", below).
PCB Thermal Via BGA Ball Pad
PCB Traces
Figure 13: Thermal Via Layout
VSC8201 BGA Package BGA Balls
1-ounce Ground Plane Thermal via
Figure 14: Thermal Ground Plane Connections
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 20 of 21 -
VSC8201DL
Document History & Notices
Revision Number 1.6.1 1.6.2 1.6.3 Date 16 Jan 03 7 Aug 03 29 Sep 04 Updated decoupling power supply, capacitor layout (added LBGA figure), and schematic Changed CIS8201 to VSC8201 globally. Integrated the information from the CIS8201 RGMII 3.3V Appnote into this document. Description
PROPRIETARY AND CONFIDENTIAL: All of the information included herein, as well as any oral or written discussions regarding such information and any materials generated as a result of such discussions, is confidential information that is proprietary to Vitesse Semiconductor Corporation and should be used by its recipient solely as authorized by Vitesse Semiconductor Corporation under written non-disclosure agreement. This errata is subject to change without notice. Vitesse reserves the right to make changes to the product(s) or information contained herein in order to improve the product in any manner. No liability is assumed as the result of the use or application of any product or information contained within this or related documents. Vitesse does not convey patent rights, nor those of others, from the sale or use of the products described or referenced within this document. "SimpliPHY", "MicroPHY", "VeriPHY", and "ActiPHY" are trademarks of Vitesse Semiconductor Corporation. All third-party brand and product names within this document are trademarks or registered trademarks of their respective owners.
Copyright 2003-2004 by Vitesse Semiconductor Corporation All Rights Reserved.
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 21 of 21 -


▲Up To Search▲   

 
Price & Availability of VSC8201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X